Part Number Hot Search : 
AD7769AP 1N6468 RB156 7C1462A CW080 B4815 AM27X512 CNW4504
Product Description
Full Text Search
 

To Download KSY16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Hall Sensor
KSY 16
Features * Hall sensor on Cu-leadframe for SMT-technology, MW-6 package * High sensitivity * High temperature range * Small linearity error * Low offset voltage * Low TC of sensitivity resistances * This Hall sensor combines the avantages of nonmagnetic leadframe and SMT capability Typical applications * Rotation and position sensing * Current and power measurement * Magnetic field measurement * Control of brushless DC motors
Approx. weight 0.02 g Pin Configuration 1, 4 Hall voltage terminals 3+, 2- Supply current terminals
Dimensions in mm
Type KSY 16
Marking s16
Ordering Code on request
The KSY 16 is an ion-implanted Hall sensor in a monocrystalline GaAs-material, built into an SMT package (MW-6). It is outstanding for a high magnetic sensitivity and low temperature coefficients. The 0.35 x 0.35 mm2 chip is mounted onto a non-magnetic leadframe. The active area is placed approx. 0.45 mm below the surface of the package.
Semiconductor Group
1
07.96
KSY 16
Maximum ratings Parameter Operating temperature Storage temperature Supply current Thermal conductivity1) Characteristics (TA = 25 C) Nominal supply current Open-circuit sensitivity Open-circuit Hall voltage I = I1N, B = 0.1 T Ohmic offset voltage I = I1N, B = 0 T Linearity of Hall voltage Symbol Value - 40...+ 150 - 50...+ 160 7 2.2 Unit C C mA mW/K
TA Tstg I1 GthC
I1N KB0 V20 VR20
5 190...260 95...130 20
mA V/AT mV mV
B = 0...0.5 T B = 0...1 T
Input resistance Output resistance
B=0 T B=0 T
Temperature coefficient of the open-circuit Hall voltage I1 = I1N, B = 0.1 T Temperature coefficient of the internal resistance B=0 T Change of offset voltage within the temperature range2)
FL FL R10 R20 TCV20
0.2 0.7 900...1200 900...1200 - 0.03...- 0.07
% % %/K
TCR10, R20
VR0
0.1...0.18
%/K
2
mV
Connection of a Hall sensor with a power source Since the voltage on the component must not exceed 10 V, the connection to the constant current supply should only be done via a short circuit by-pass. The by-pass circuit-breaker shall not be opened before turning on the power source. This is to avoid damage to the Hall sensor due to power peaks.
1) Thermal conductivity chip-ambient when mounted on alumina ceramic 15 mm x 17 mm x 0.7 mm 2) AQL: 0.65
Semiconductor Group
2


▲Up To Search▲   

 
Price & Availability of KSY16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X